| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5643L Fiches technique(PDF) 31 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5643L Fiches technique(HTML) 31 Page - Freescale Semiconductor, Inc |
|
31 / 98 page ![]() Package pinouts and signal descriptions MPC5643L Microcontroller Data Sheet, Rev. 3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 31 C1 VDD_HV_IO_RING C2 NC1 C3 VSS_HV_IO_RING C4 FCCU_F[1] C5 D[2] / siul_GPIO[50] / etimer1_ETC[3] / flexpwm0_X[3] / flexray_CB_RX C6 A[13] / siul_GPIO[13] / flexpwm0_B[2] / dspi2_MISO / flexpwm0_FAULT[0] / siul_EIRQ[12] C7 VDD_HV_REG_2 C8 VDD_HV_REG_2 C9 I[0] / siul_GPIO[128] / etimer2_ETC[0] / dspi0_CS4 / flexpwm1_FAULT[0] C10 JCOMP C11 H[11] / siul_GPIO[123] / flexpwm1_A[2] C12 I[1] / siul_GPIO[129] / etimer2_ETC[1] / dspi0_CS5 / flexpwm1_FAULT[1] C13 F[14] / siul_GPIO[94] / lin1_TXD C14 B[1] / siul_GPIO[17] / etimer1_ETC[3] / sscm_DEBUG[1] / can0_RXD / can1_RXD / siul_EIRQ[16] C15 VSS_HV_IO_RING C16 A[4] / siul_GPIO[4] / etimer1_ETC[0] / dspi2_CS1 / etimer0_ETC[4] / mc_rgm_FAB / siul_EIRQ[4] C17 F[12] / siul_GPIO[92] / etimer1_ETC[3] / siul_EIRQ[30] D1 F[5] / siul_GPIO[85] / npc_wrapper_MDO[2] D2 F[4] / siul_GPIO[84] / npc_wrapper_MDO[3] D3 A[15] / siul_GPIO[15] / etimer1_ETC[5] / can1_RXD / can0_RXD / siul_EIRQ[14] D4 C[6] / siul_GPIO[38] / dspi0_MOSI / flexpwm0_B[1] / sscm_DEBUG[6] / siul_EIRQ[24] D5 VSS_LV_CORE_RING D6 VDD_LV_CORE_RING D7 F[0] / siul_GPIO[80] / flexpwm0_A[1] / etimer0_ETC[2] / siul_EIRQ[28] D8 VDD_HV_IO_RING D9 VSS_HV_IO_RING D10 NC1 D11 A[11] / siul_GPIO[11] / dspi2_SCK / flexpwm0_A[0] / flexpwm0_A[2] / siul_EIRQ[10] D12 E[13] / siul_GPIO[77] / etimer0_ETC[5] / dspi2_CS3 / siul_EIRQ[25] D13 F[15] / siul_GPIO[95] / lin1_RXD D14 VDD_HV_IO_RING D15 VPP_TEST 2 D16 D[14] / siul_GPIO[62] / flexpwm0_B[1] / etimer0_ETC[3] D17 G[3] / siul_GPIO[99] / flexpwm0_A[2] / etimer0_ETC[4] E1 MDO0 Table 4. 257 MAPBGA concatenated ball names (continued) Ball No. Concatenated Pin Names |