| Moteur de recherche de fiches techniques de composants électroniques |
|
SC9RS08KA2J3CDB Fiches technique(PDF) 71 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC9RS08KA2J3CDB Fiches technique(HTML) 71 Page - Freescale Semiconductor, Inc |
|
71 / 134 page ![]() Chapter 8 Central Processor Unit (RS08CPUV1) SC9RS08KA2 Series Data Sheet, Rev. 1 Freescale Semiconductor 71 LDX #opr8i (1) LDX opr8a (1) LDX ,X (1) Load Index Register from Memory $0F ← (M) — IMD DIR IX 3E 4E 4E ii 0F dd 0F 0E 0E 4 5 5 LSLA Logical Shift Left INH 48 1 LSRA Logical Shift Right INH 44 1 MOV opr8a,opr8a MOV #opr8i,opr8a MOV D[X],opr8a MOV opr8a,D[X] MOV #opr8i,D[X] Move (M)destination ← (M)source — DD IMD IX/DIR DIR/IX IMM/IX 4E 3E 4E 4E 3E dd dd ii dd 0E dd dd 0E ii 0E 5 4 5 5 4 NOP No Operation None ——INH AC 1 ORA #opr8i ORA opr8a ORA ,X (1) ORA X Inclusive OR Accumulator and Memory A ← (A) | (M) A ← (A) | (X) — IMM DIR IX DIR AA BA BA BA ii dd 0E 0F 2 3 3 3 ROLA Rotate Left through Carry INH 49 1 RORA Rotate Right through Carry INH 46 1 RTS Return from Subroutine Pull PC from shadow PC ——INH BE 3 SBC #opr8i SBC opr8a SBC ,X (1) SBC X Subtract with Carry A ← (A) – (M) – (C) A ← (A) – (X) – (C) IMM DIR IX DIR A2 B2 B2 B2 ii dd 0E 0F 2 3 3 3 SEC Set Carry Bit C ← 1 —1 INH 39 1 SHA Swap Shadow PC High with A A ⇔ SPCH ——INH 45 1 SLA Swap Shadow PC Low with A A ⇔ SPCL ——INH 42 1 STA opr8a STA opr5a STA ,X (1) STA X Store Accumulator in Memory M ← (A) — DIR SRT IX SRT B7 Ex / Fx EE EF dd 3 2 2 2 STX opr8a (1) Store Index Register in Memory M ← (X) — DIR 4E 0F dd 5 STOP Put MCU into stop mode ——INH AE 2+ Table 8-1. Instruction Set Summary (Sheet 5 of 6) Source Form Description Operation Effect on CCR ZC 1. This is a pseudo instruction supported by the normal RS08 instruction set. 2. This instruction is different from that of the HC08 and HCS08 in that the RS08 does not auto-increment the index register. C b0 b7 0 b0 b7 C 0 C b0 b7 b0 b7 C |