Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8576DH/2 Fiches technique(PDF) 45 Page - NXP Semiconductors

No de pièce PCF8576DH/2
Description  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DH/2 Fiches technique(HTML) 45 Page - NXP Semiconductors

Back Button PCF8576DH/2 Datasheet HTML 41Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 42Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 43Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 44Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 45Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 46Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 47Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 48Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
PCF8576D_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 25 August 2009
45 of 52
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
For further information on temperature profiles, refer to Application Note
AN10365
“Surface mount reflow soldering description”.
18. Soldering of WLCSP packages
18.1 Introduction to soldering WLCSP packages
This text provides a very brief insight into a complex technology. A more in-depth account
of soldering WLCSP (Wafer Level Chip-Size Packages) can be found in application note
AN10439 “Wafer Level Chip Scale Package” and in application note AN10365 “Surface
mount reflow soldering description”.
Wave soldering is not suitable for this package.
All NXP WLCSP packages are lead-free.
18.2 Board mounting
Board mounting of a WLCSP requires several steps:
1. Solder paste printing on the PCB
2. Component placement with a pick and place machine
3. The reflow soldering itself
18.3 Reflow soldering
Key characteristics in reflow soldering are:
• Lead-free versus SnPb soldering; note that a lead-free reflow process usually leads to
higher minimum peak temperatures (see Figure 32) than a PbSn process, thus
reducing the process window
MSL: Moisture Sensitivity Level
Fig 31. Temperature profiles for large and small components
001aac844
temperature
time
minimum peak temperature
= minimum soldering temperature
maximum peak temperature
= MSL limit, damage level
peak
temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52