Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF2119FU/2/F2 Fiches technique(PDF) 69 Page - NXP Semiconductors

No de pièce PCF2119FU/2/F2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119FU/2/F2 Fiches technique(HTML) 69 Page - NXP Semiconductors

Back Button PCF2119FU/2/F2 Datasheet HTML 65Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 66Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 67Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 68Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 69Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 70Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 71Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 72Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
69 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
Table 45.
Pin location
All X and Y coordinates are referenced to the center of the chip (dimensions in
µm).
Symbol
Pin
X
Y
Description
VDD1
1
+745
−274
logic supply voltage 1
VDD1
2
+745
−204
VDD1
3
+745
−134
VDD1
4
+745
−64
VDD1
5
+745
+6
VDD1
6
+745
+76
VDD2
7
+745
+146
VLCD generator supply voltage 2
VDD2
8
+745
+216
VDD2
9
+745
+286
VDD2
10
+745
+356
VDD2
11
+745
+426
VDD2
12
+745
+496
VDD2
13
+745
+566
VDD2
14
+745
+636
VDD3
15
+745
+706
VDD3
16
+745
+776
VDD3
17
+745
+846
VDD3
18
+745
+916
E
19
+745
+986
data bus clock input
T1
20
+745
+1196
test pin 1
T2
21
+745
+1406
test pin 2
VSS1
22
+745
+1616
ground 1
VSS1
23
+745
+1686
VSS1
24
+745
+1756
VSS1
25
+745
+1826
VSS1
26
+745
+1896
VSS1
27
+745
+1966
VSS1
28
+745
+2036
VSS1
29
+745
+2106
VSS2
30
+745
+2176
ground 2
VSS2
31
+745
+2246
VSS2
32
+745
+2316
VSS2
33
+745
+2386
VSS2
34
+745
+2456
VSS2
35
+745
+2666
VLCDSENSE
36
+745
+2736
input for voltage multiplier regulation
VLCDOUT
37
+745
+2806
VLCD output
VLCDOUT
38
+745
+2876
VLCDOUT
39
+745
+2946
VLCDOUT
40
+745
+3016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79