| Moteur de recherche de fiches techniques de composants électroniques |
|
MAC210-8FP Fiches technique(PDF) 5 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MAC210-8FP Fiches technique(HTML) 5 Page - Motorola, Inc |
|
5 / 6 page ![]() MAC210FP Series MAC210AFP Series 5 Motorola Thyristor Device Data PACKAGE DIMENSIONS CASE 221C–02 1 2 3 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. LEAD DIMENSIONS UNCONTROLLED WITHIN DIMENSION Z. STYLE 3: PIN 1. MT 1 2. MT 2 3. GATE –Y– –B– –T– Q P A K H Z G L F D 3 PL M B M 0.25 (0.010) Y E N S J R C SEATING PLANE DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.680 0.700 17.28 17.78 B 0.388 0.408 9.86 10.36 C 0.175 0.195 4.45 4.95 D 0.025 0.040 0.64 1.01 E 0.340 0.355 8.64 9.01 F 0.140 0.150 3.56 3.81 G 0.100 BSC 2.54 BSC H 0.110 0.155 2.80 3.93 J 0.018 0.028 0.46 0.71 K 0.500 0.550 12.70 13.97 L 0.045 0.070 1.15 1.77 N 0.049 ––– 1.25 ––– P 0.270 0.290 6.86 7.36 Q 0.480 0.500 12.20 12.70 R 0.090 0.120 2.29 3.04 S 0.105 0.115 2.67 2.92 Z 0.070 0.090 1.78 2.28 |