| Moteur de recherche de fiches techniques de composants électroniques |
|
ACT8828 Fiches technique(PDF) 23 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT8828 Fiches technique(HTML) 23 Page - Active-Semi, Inc |
|
23 / 49 page ![]() STEP-DOWN DC/DC CONVERTERS ACT8828 Rev 3, 24-Sep-09 Active-Semi Innovative Power TM - 23 - www.active-semi.com Copyright © 2009 Active-Semi, Inc. ActivePMU TM and ActivePathTM are trademarks of Active-Semi. I 2CTM is a trademark of Philips Electronics. REGISTER DESCRIPTIONS CONT’D Table 6: REG1/VSETx[ ] Output Voltage Setting : Refer to Output Voltage Programming section for more information. REG1/VSETx[3:0] REG1/VSETx[5:4] REG1/VRANGE[ ] = [0] REG1/VRANGE[ ] = [1] 00 01 10 11 00 01 10 11 0000 Adjustable 1.025 1.425 1.825 Adjustable 2.050 2.850 3.650 0001 0.800 1.050 1.450 1.850 1.300 2.100 2.900 3.700 0010 0.800 1.075 1.480 1.875 1.350 2.150 2.950 3.750 0011 0.800 1.100 1.500 1.900 1.400 2.200 3.000 3.800 0100 0.800 1.125 1.525 1.925 1.450 2.250 3.050 3.850 0101 0.800 1.150 1.550 1.950 1.500 2.300 3.100 3.900 0110 0.800 1.175 1.575 1.975 1.550 2.350 3.150 3.950 0111 0.800 1.200 1.600 2.000 1.600 2.400 3.200 4.000 1000 0.825 1.225 1.625 2.025 1.650 2.450 3.250 4.050 1001 0.850 1.250 1.650 2.050 1.700 2.500 3.300 4.100 1010 0.875 1.275 1.675 2.075 1.750 2.550 3.350 4.150 1011 0.900 1.300 1.700 2.100 1.800 2.600 3.400 4.200 1100 0.925 1.325 1.725 2.125 1.850 2.650 3.450 4.250 1101 0.950 1.350 1.750 2.150 1.900 2.700 3.500 4.300 1110 0.975 1.375 1.775 2.175 1.950 2.750 3.550 4.350 1111 1.000 1.400 1.800 2.200 2.000 2.800 3.600 4.400 |