| Moteur de recherche de fiches techniques de composants électroniques |
|
ACT8796 Fiches technique(PDF) 30 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT8796 Fiches technique(HTML) 30 Page - Active-Semi, Inc |
|
30 / 34 page ![]() LOW-DROPOUT LINEAR REGULATORS ACT8796 Rev1, 10-Oct-08 Innovative Power TM - 30 - www.active-semi.com Copyright © 2008 Active-Semi, Inc. ActivePMU TM is a trademark of Active-Semi. I 2CTM is a trademark of Philips Electronics. REGISTER DESCRIPTIONS CONT’D Table 14: REG4/VRANGE[ ] Output Voltage Setting REG4/VSET[3:0] REG4/VSET[5:4] REG4/VRANGE[ ] = [0] REG4/VRANGE[ ] = [1] 00 01 10 11 00 01 10 11 0000 0.645 1.050 1.455 1.860 1.250 2.050 2.850 3.650 0001 0.670 1.075 1.480 1.890 1.300 2.100 2.900 3.700 0010 0.695 1.100 1.505 1.915 1.350 2.150 2.950 N/A 0011 0.720 1.125 1.530 1.940 1.400 2.200 3.000 N/A 0100 0.745 1.150 1.555 1.965 1.450 2.250 3.050 N/A 0101 0.770 1.175 1.585 1.990 1.500 2.300 3.100 N/A 0110 0.795 1.200 1.610 2.015 1.550 2.350 3.150 N/A 0111 0.820 1.225 1.635 2.040 1.600 2.400 3.200 N/A 1000 0.845 1.255 1.660 2.065 1.650 2.450 3.250 N/A 1001 0.870 1.280 1.685 2.090 1.700 2.500 3.300 N/A 1010 0.895 1.305 1.710 2.115 1.750 2.550 3.350 N/A 1011 0.920 1.330 1.735 2.140 1.800 2.600 3.400 N/A 1100 0.950 1.355 1.760 2.165 1.850 2.650 3.450 N/A 1101 0.975 1.380 1.785 2.190 1.900 2.700 3.500 N/A 1110 1.000 1.405 1.810 2.200 1.950 2.750 3.550 N/A 1111 1.025 1.430 1.835 2.245 2.000 2.800 3.600 N/A (N/A): Not Available |