Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACT8332 Fiches technique(PDF) 13 Page - Active-Semi, Inc

No de pièce ACT8332
Description  Three Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTIVE-SEMI [Active-Semi, Inc]
Site Internet  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8332 Fiches technique(HTML) 13 Page - Active-Semi, Inc

Back Button ACT8332_08 Datasheet HTML 5Page - Active-Semi, Inc ACT8332_08 Datasheet HTML 6Page - Active-Semi, Inc ACT8332_08 Datasheet HTML 7Page - Active-Semi, Inc ACT8332_08 Datasheet HTML 8Page - Active-Semi, Inc ACT8332_08 Datasheet HTML 9Page - Active-Semi, Inc ACT8332_08 Datasheet HTML 10Page - Active-Semi, Inc ACT8332_08 Datasheet HTML 11Page - Active-Semi, Inc ACT8332_08 Datasheet HTML 12Page - Active-Semi, Inc ACT8332_08 Datasheet HTML 13Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
ACT8332
Rev0, 14-Mar-08
PACKAGE INFORMATION
Innovative Power
TM
- 13 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
Active-Semi, Inc. reserves the right to modify the circuitry or specifications without notice. Users should evaluate each product to make
sure that it is suitable for their applications. Active-Semi products are not intended or authorized for use as critical components in life-
support devices or systems. Active-Semi, Inc. does not assume any liability arising out of the use of any product or circuit described in
this datasheet, nor does it convey any patent license.
Active-Semi and its logo are trademarks of Active-Semi, Inc. For more information on this and other products, contact sales@active-
semi.com or visit http://www.active-semi.com. For other inquiries, please send to:
1270 Oakmead Parkway, Suite 310, Sunnyvale, California 94085-4044, USA
PACKAGE OUTLINE
TDFN33-10 PACKAGE OUTLINE AND DIMENSIONS
SYMBOL
DIMENSION IN
MILLIMETERS
DIMENSION IN
INCHES
MIN
MAX
MIN
MAX
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.0000
0.002
A3
0.153
0.006
D
2.900
3.100
0.114
0.122
E
2.900
0.114
D2
2.350
0.093
E2
0.065
b
0.200
0.320
0.008
0.012
e
0.500 TYP
0.020 TYP
L
0.300
0.500
0.012
0.020
1.650
3.100
0.122
0.253
0.010
2.450
1.750
0.069
0.096
D
E
D2
E2
e
b
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13