Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54RCGH Fiches technique(PDF) 2 Page - Zowie Technology Corporation

No de pièce BAT54RCGH
Description  Schottky Barrier Diode Lead free product Halogen-free type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZOWIE [Zowie Technology Corporation]
Site Internet  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BAT54RCGH Fiches technique(HTML) 2 Page - Zowie Technology Corporation

  BAT54RCGH Datasheet HTML 1Page - Zowie Technology Corporation BAT54RCGH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Zowie Technology Corporation
BAT54RCGH
Notes: 1. A 2.0k
variable resistor adjusted for a Forward Current (IF) of 10mA.
2. Input pulse is adjusted so IR(peak) is equal to 10mA.
3. tp » trr
+10 V
2 k
820
0.1uF
D.U.T.
VR
100uH
0.1uF
50
OUTPUT
PULSE
GENERATOR
50
INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
T
10%
90%
IF
IR
trr
T
iR(REC) = 1mA
OUTPUT PULSE
(IF = IR = 10 mA; measured
at iR(REC) = 1mA
IF
INPUT SIGNAL
FIGURE 1. RECOVERY TIME EQUIVALENT TEST CIRCUIT
100
0.0
0.1
VF, FORWARD VOLTAGE ( VOLTS )
0.2
0.3
0.4
0.5
10
1.0
0.1
10
0
5
VR, REVERSE VOLTAGE ( VOLTS )
1.0
0.1
0.01
0.001
15
10
20
25
14
0
5
VR, REVERSE VOLTAGE ( VOLTS )
12
4
2
0
15
10
30
FIGURE 2. FORWARD VOLTAGE
FIGURE 3. LEAKAGE CURRENT
FIGURE 4. TOTAL CAPACITANCE
TA=150
o C
TA=125
oC
TA=85
oC
TA=25
oC
0.6
55
oC
125
oC
85
oC
100
1000
30
25
20
6
8
10
Zowie Technology Corporation
REV. 0



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com