Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F44J10-I/SSQTP Fiches technique(PDF) 6 Page - Microchip Technology

No de pièce PIC18F44J10-I/SSQTP
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/SSQTP Fiches technique(HTML) 6 Page - Microchip Technology

Back Button PIC18F44J10-I/SSQTP Datasheet HTML 2Page - Microchip Technology PIC18F44J10-I/SSQTP Datasheet HTML 3Page - Microchip Technology PIC18F44J10-I/SSQTP Datasheet HTML 4Page - Microchip Technology PIC18F44J10-I/SSQTP Datasheet HTML 5Page - Microchip Technology PIC18F44J10-I/SSQTP Datasheet HTML 6Page - Microchip Technology PIC18F44J10-I/SSQTP Datasheet HTML 7Page - Microchip Technology PIC18F44J10-I/SSQTP Datasheet HTML 8Page - Microchip Technology PIC18F44J10-I/SSQTP Datasheet HTML 9Page - Microchip Technology PIC18F44J10-I/SSQTP Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 4
© 2009 Microchip Technology Inc.
Pin Diagrams (Continued)
10
11
2
3
6
1
8
7
29
30
31
32
33
23
24
25
26
27
28
9
PIC18F44J10
NC
RC0/T1OSO/T1CKI
OSC2/CLKO
OSC1/CLKI
VSS
VDD
RE2/CS/AN7
RE1/WR/AN6
RE0/RD/AN5
RA5/AN4/SS1/C2OUT
VDDCORE/VCAP
RC7/RX/DT
RD4/PSP4
RD5/PSP5/P1B
RD6/PSP6/P1C
VSS
VDD
RB0/INT0/FLT0/AN12
RB1/INT1/AN10
RB2/INT2/AN8
RB3/AN9/CCP2*
44-Pin TQFP
RD7/PSP7/P1D
5
4
PIC18F45J10
* Pin feature is dependent on device configuration.
= Pins are up to 5.5V tolerant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More