| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18F44J10-I/MLQTP Fiches technique(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F44J10-I/MLQTP Fiches technique(HTML) 4 Page - Microchip Technology |
|
4 / 368 page ![]() PIC18F45J10 FAMILY DS39682E-page 2 © 2009 Microchip Technology Inc. Pin Diagrams 10 11 2 3 4 5 6 1 8 7 9 12 13 14 15 16 17 18 19 20 23 24 25 26 27 28 22 21 MCLR RA0/AN0 RA1/AN1 RA2/AN2/VREF-/CVREF RA3/AN3/VREF+ VDDCORE/VCAP RA5/AN4/SS1/C2OUT VSS OSC1/CLKI OSC2/CLKO RC0/T1OSO/T1CKI RC1/T1OSI/CCP2* RC2/CCP1 RC3/SCK1/SCL1 RB7/KBI3/PGD RB6/KBI2/PGC RB5/KBI1/T0CKI/C1OUT RB4/KBI0/AN11 RB3/AN9/CCP2* RB2/INT2/AN8 RB1/INT1/AN10 RB0/INT0/FLT0/AN12 VDD VSS RC7/RX/DT RC6/TX/CK RC5/SDO1 RC4/SDI1/SDA1 28-Pin SPDIP, SOIC, SSOP (300 MIL) * Pin feature is dependent on device configuration. 28-Pin QFN PIC18F24J10 RB3/AN9/CCP2* RB2/INT2/AN8 RB1/INT1/AN10 RB0/INT0/FLT0/AN12 VDD VSS RC7/RX/DT RA2/AN2/VREF-/CVREF RA3/AN3/VREF+ VDDCORE/VCAP RA5/AN4/SS1/C2OUT VSS OSC1/CLKI OSC2/CLKO PIC18F25J10 * Pin feature is dependent on device configuration. . 10 11 2 3 6 1 18 19 20 21 22 12 13 14 15 8 7 16 17 23 24 25 26 27 28 9 5 4 = Pins are up to 5.5V tolerant = Pins are up to 5.5V tolerant |