| Moteur de recherche de fiches techniques de composants électroniques |
|
CSRMS1R005FM Fiches technique(PDF) 1 Page - American Accurate Components, Inc. |
|
|
|||||||||||||||||||||||||||||
CSRMS1R005FM Fiches technique(HTML) 1 Page - American Accurate Components, Inc. |
|
1 / 2 page ![]() American Accurate Components, Inc. CURRENT SENSE – Molded Current Sense Resistors The content of this specification may change without notification 1/01/06 188 Technology Drive, Unit H, Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889 1 Custom solutions are available. CSRM-S1/CSRM-P1/CSRM-L1S/CSRM-L2/CRSM-L3 Series HOW TO ORDER CSRM P1 R010 F M Packaging M = tape/reel 1,000 pieces Tolerance (%) D = +0.5 F = +1 J = +5 Nominal Resistance 5 milliohm = 10 milliohm = 100 milliohm = R005 R010 R100 Size (mm) S1 = 6.3x3.2 P1 = 6.2x4.5 LS1 = 7.5x4.5 L2 = 12.5x6.0 L3 = 14.5x8.0 Series Current Sense Resistor Molded SCHEMATIC CHARACTERISTICS Dimensions (mm) Model Power Rating L ±0.5 W1 ±0.3 W2 ±0.3 H1 ±0.3 H2 ±0.3 P ± 0.3 Resistance Range m Ω CSRM-S1 1 watt 6.3 3.2 2.5 1.0 0.8 0.8 3 ~ 100 CSRM-P1 1 watt 6.2 4.5 2.5 1.0 0.6 1.2 3 ~ 100 CSRM-LS1 1 watt 7.5 4.5 2.5 2.0 1.1 1.2 3 ~ 510 CSRM-L2 2 watt 12.5 6.0 4.0 3.0 1.5 2.0 5 ~ 1,000 CSRM-L3 3 watt 14.5 8.0 6.0 3.0 1.5 2.0 8 ~ 1,800 PERFORMANCE Item Test Method Operating Temperature Range -55 °C ~ +155°C for CSRM-S and CSRM-P Series -55 °C ~ +180°C for CSRM-L Series Resistance Temperature Characteristics ±100ppm/°C Overload ±0.5% at rated power x5/second Insulation Resistance >100M Ω at DC 100V Dielectric withstanding Voltage ±0.2%, AC500V for 1 minute Resistance to Soldering Heat ±0.5%, 260°C for 5 seconds Moisture Resistance ±0.5% for 1,000 hours Load Life ±1.0% for 1,000 hours DERATING CURVE FEATURES Excellent for current sensing applications Flameproof UL94-V-0 molded polymer case Resistors has a height as small as 1mm Non-Inductive for improved frequency characteristics Resistance tolerance available as precise as + 0.5% Compact and light weight ideal for surface mounting Applicable Specs: MIL-R-55342D & MIL-R-202 RoHS Compliant |
Numéro de pièce similaire - CSRMS1R005FM |
|
Description similaire - CSRMS1R005FM |