| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP632T-E/UN Fiches technique(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP632T-E/UN Fiches technique(HTML) 21 Page - Microchip Technology |
|
21 / 42 page ![]() © 2009 Microchip Technology Inc. DS22197A-page 21 MCP631/2/3/5 4.0 APPLICATIONS The MCP631/2/3/5 family op amps is manufactured using Microchip’s state of the art CMOS process. It is designed for low cost, low power and high speed applications. Its low supply voltage, low quiescent current and wide bandwidth make the MCP631/2/3/5 ideal for battery-powered applications. 4.1 Input 4.1.1 PHASE REVERSAL The input devices are designed to not exhibit phase inversion when the input pins exceed the supply voltages. Figure 2-38 shows an input voltage exceeding both supplies with no phase inversion. 4.1.2 INPUT VOLTAGE AND CURRENT LIMITS The ESD protection on the inputs can be depicted as shown in Figure 4-1. This structure was chosen to protect the input transistors, and to minimize input bias current (IB). The input ESD diodes clamp the inputs when they try to go more than one diode drop below VSS. They also clamp any voltages that go too far above VDD; their breakdown voltage is high enough to allow normal operation, and low enough to bypass quick ESD events within the specified limits. FIGURE 4-1: Simplified Analog Input ESD Structures. In order to prevent damage and/or improper operation of these amplifiers, the circuit must limit the currents (and voltages) at the input pins (see Section 1.1 “Absolute Maximum Ratings †”). Figure 4-2 shows the recommended approach to protecting these inputs. The internal ESD diodes prevent the input pins (VIN+ and VIN–) from going too far below ground, and the resistors R1 and R2 limit the possible current drawn out of the input pins. Diodes D1 and D2 prevent the input pins (VIN+ and VIN–) from going too far above VDD, and dump any currents onto VDD. When implemented as shown, resistors R1 and R2 also limit the current through D1 and D2. FIGURE 4-2: Protecting the Analog Inputs. It is also possible to connect the diodes to the left of the resistor R1 and R2. In this case, the currents through the diodes D1 and D2 need to be limited by some other mechanism. The resistors then serve as in-rush current limiters; the DC current into the input pins (VIN+ and VIN–) should be very small. A significant amount of current can flow out of the inputs (through the ESD diodes) when the common mode voltage (VCM) is below ground (VSS); see Figure 2-13. Applications that are high impedance may need to limit the usable voltage range. 4.1.3 NORMAL OPERATION The input stage of the MCP631/2/3/5 op amps uses a differential PMOS input stage. It operates at low common mode input voltages (VCM), with VCM between VSS – 0.3V and VDD – 1.3V. To ensure proper operation, the input offset voltage (VOS) is measured at both VCM =VSS – 0.3V and VDD –1.3V. See Figure 2-5 and Figure 2-6 for temperature effects. When operating at very low non-inverting gains, the output voltage is limited at the top by the VCM range (< VDD – 1.3V); see Figure 4-3. FIGURE 4-3: Unity Gain Voltage Limitations for Linear Operation. Bond Pad Bond Pad Bond Pad VDD VIN+ VSS Input Stage Bond Pad VIN– V1 R1 VDD D1 R1 > VSS – (minimum expected V1) 2mA VOUT R2 > VSS – (minimum expected V2) 2mA V2 R2 D2 MCP63X VIN VDD VOUT V SS V < IN V , OUT V DD 1.3V – ≤ MCP63X |