Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1115D Fiches technique(PDF) 7 Page - Silicon Touch Technology Inc.

No de pièce ST1115D
Description  PWM Speed Control Double Coil Brushless DC Motor Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITI [Silicon Touch Technology Inc.]
Site Internet  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1115D Fiches technique(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button ST1115D Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1115D Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1115D Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1115D Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1115D Datasheet HTML 7Page - Silicon Touch Technology Inc. ST1115D Datasheet HTML 8Page - Silicon Touch Technology Inc. ST1115D Datasheet HTML 9Page - Silicon Touch Technology Inc. ST1115D Datasheet HTML 10Page - Silicon Touch Technology Inc. ST1115D Datasheet HTML 11Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1115C/ST1115D
SP-ST1115CD-A.005
Version
:A.005
Page
:6
V2)
-
(V1
V
V1)R
-
V2(V
)R
V
-
V1(V2
2
R
DD
T1
DD
T2
DD
+
=
V1
R2)
R
)(
V1
V
(
1
R
T1
DD
+
−
=
where VDD denotes the voltage at the VDD pin, see Fig. 1. Normally, VDD is around 10.8
Volt, which may slightly vary with the variation of the driving current.
Figure 2. Desired Temperature-Speed Curve
(3) The FGR pin provides the rotation detection output for ST1115C and the tachometer
output for ST1115D. FGR is an open-drain output with a built-in 100k
Ω pullup resistor.
An additional resistor can be used to pull up the FGR voltage to the appropriate level,
which depends on the voltage level of the monitoring/control system.
T1
T2
Temperature
Fan Speed
rpm1
rpm2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13