Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1112S Fiches technique(PDF) 7 Page - Silicon Touch Technology Inc.

No de pièce ST1112S
Description  Single Coil Brushless DC Motor Drivers Built-in Hall Sensor ( 2 to 7.5 Volts )
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITI [Silicon Touch Technology Inc.]
Site Internet  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1112S Fiches technique(HTML) 7 Page - Silicon Touch Technology Inc.

  ST1112S Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1112S Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1112S Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1112S Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1112S Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1112S Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1112S Datasheet HTML 7Page - Silicon Touch Technology Inc. ST1112S Datasheet HTML 8Page - Silicon Touch Technology Inc. ST1112S Datasheet HTML 9Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SP-ST1112S-A.007
Version
:A.007
Page
:6
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
ST1112S
Package Specifications
( LFCSP8 )
Symbol
Dimensions(mm)
MIN
TYP
MAX
A
-
-
0.450
A1
0.000
0.020
0.050
A3
0.127REF
b
0.150
0.200
0.250
D
1.900
2.000
2.100
D1
-
1.600
-
E
1.900
2.000
2.100
E1
-
0.900
-
e
0.50BSC
e1
1.50BSC
L
0.250
0.350
0.450
y
-
-
0.080



Html Pages

1 2 3 4 5 6 7 8 9