Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM11C Fiches technique(PDF) 2 Page - Silicon Touch Technology Inc.

No de pièce DM11C
Description  8-bit Constant Current LED Driver with Error Detection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITI [Silicon Touch Technology Inc.]
Site Internet  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM11C Fiches technique(HTML) 2 Page - Silicon Touch Technology Inc.

  DM11C Datasheet HTML 1Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 2Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 3Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 4Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 5Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 6Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 7Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 8Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
8-bit Constant Current LED Driver with Error Detection
Version:A.002
Page 1
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM11C
DM11C
8-bit Constant Current LED Driver
with Error Detection
General Description
DM11C is a constant-current sink driver specifically designed for LED display applications.
The device incorporates shift registers, data latches, and constant current circuitry on the silicon
CMOS chip. The maximum output current value of all 8 channels is adjustable by a single external
resistor. Its built-in open/short detection circuits help users detect LED failures. System retrieve the
error messages to indicate which channel has failure by serial output data. The thermal shutdown
function provides the over temperature protection.
Features
Constant-current outputs: 5mA to 120mA adjustable by one external resistor
Maximum output voltage: 17V
Maximum clock frequency: 25MHz
Built-in real-time LED open/short detection
Fast detecting response: 0.1us (min.)
Over temperature protection: thermal shutdown (junction temperature > 180°C)
Package and pin assignment compatible to conventional LED drivers (ST2221A, DM114/5)
Power supply voltage: 3.3V to 5.5V
Applications
Indoor/Outdoor LED Video Display
LED Variable Message Signs (VMS) System
Package Types
PDIP16, SSOP16, SOP16, SOP16 (with exposed pad), or TSSOP16 (with exposed pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com