| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP73213 Fiches technique(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP73213 Fiches technique(HTML) 25 Page - Microchip Technology |
|
25 / 34 page ![]() © 2009 Microchip Technology Inc. DS22190A-page 25 MCP73213 7.0 PACKAGING INFORMATION 7.1 Package Marking Information XXXX 10-Lead DFN (3x3) YYWW NNN Example: Standard * Part Number Code MCP73213-A6SI/MF Z3HI MCP73213-B6SI/MF Y3HI Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e Z3HI 0923 256 |