Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP98243T-BE/ST Fiches technique(PDF) 47 Page - Microchip Technology

No de pièce MCP98243T-BE/ST
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98243T-BE/ST Fiches technique(HTML) 47 Page - Microchip Technology

Back Button MCP98243T-BE/ST Datasheet HTML 43Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 44Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 45Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 46Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 47Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 48Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 49Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 50Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
© 2009 Microchip Technology Inc.
DS22153B-page 47
MCP98243
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
8-Lead 2x3x0.9 DFN
Example
:
8-Lead TSSOP
Example:
XXXX
XYWW
NNN
243B
E934
256
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
8-Lead 2x3x0.75 TDFN
Example
:
8-Lead 2x3x0.5 UDFN
Example
:
XXX
YWW
NN
ABZ
934
25
XXX
YWW
NN
AAG
934
25
XXX
YWW
NN
AAA
934
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62