| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP98243-BE/ST Fiches technique(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP98243-BE/ST Fiches technique(HTML) 23 Page - Microchip Technology |
|
23 / 62 page ![]() © 2009 Microchip Technology Inc. DS22153B-page 23 MCP98243 FIGURE 5-4: Timing Diagram for Reading from the Configuration Register (See Section 4.0 “Serial Communication”). SDA A C K 00 1 1 A Configuration Pointer 00 0 0 A C K S 2 A 1 A 0 12 3 4 5 6 7 8 1 2 345 6 7 8 SCL 0 Address Byte A C K 00 1 1 A MSB Data A C K N A K S P 2 A 1 A 0 12 3 4 5 6 7 8 1 2 3 4 5 678 12 3 4 567 8 Address Byte LSB Data R MCP98243 MCP98243 MCP98243 Master Master W SDA SCL 00 1 00 0 0 0 00 0 0 0 0 0 1 00 0 • Reading the CONFIG Register. Note: It is not necessary to select the register pointer if it was set from the previous read/write. Note: this is an example routine: i2c_start(); // send START command i2c_write(AddressByte & 0xFE); //WRITE Command //also, make sure bit 0 is cleared ‘0’ i2c_write(0x01); // Write CONFIG Register i2c_start(); // send Repeat START command i2c_write(AddressByte | 0x01); //READ Command //also, make sure bit 0 is set ‘1’ UpperByte = i2c_read(ACK); // READ 8 bits //and Send ACK bit LowerByte = i2c_read(NAK); // READ 8 bits //and Send NAK bit i2c_stop(); // send STOP command |