| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP4162-503I/ST Fiches technique(PDF) 44 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4162-503I/ST Fiches technique(HTML) 44 Page - Microchip Technology |
|
44 / 88 page ![]() MCP414X/416X/424X/426X DS22059B-page 44 © 2008 Microchip Technology Inc. FIGURE 6-7: 8-Bit Commands (Increment, Decrement, Modify Write Protect or WiperLock Technology) - SPI Waveform with PIC MCU (Mode 1,1). FIGURE 6-8: 8-Bit Commands (Increment, Decrement, Modify Write Protect or WiperLock Technology) - SPI Waveform with PIC MCU (Mode 0,0). bit7 bit0 bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 CS SCK Write to SSPBUF SDI Input Sample SDO VIH VIL AD3 AD2 AD1 AD0 C0 C1 X X “1” = “Valid” Command/Address “0” = “Invalid” Command/Address CMDERR bit VIHH SCK Input Sample SDI bit7 bit0 SDO bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 Write to SSPBUF CS VIH VIL AD3 AD2 AD1 AD0 C0 C1 X X “1” = “Valid” Command/Address “0” = “Invalid” Command/Address CMDERR bit VIHH |