| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP4152-502E/SL Fiches technique(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4152-502E/SL Fiches technique(HTML) 21 Page - Microchip Technology |
|
21 / 88 page ![]() © 2008 Microchip Technology Inc. DS22060B-page 21 MCP413X/415X/423X/425X Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-26: 10 k Ω – Low-Voltage Decrement Wiper Settling Time (VDD = 5.5V) (1 µs/Div). FIGURE 2-27: 10 k Ω – Low-Voltage Decrement Wiper Settling Time (VDD = 2.7V) (1 µs/Div). FIGURE 2-28: 10 k Ω – Low-Voltage Increment Wiper Settling Time (VDD = 5.5V) (1 µs/Div). FIGURE 2-29: 10 k Ω – Low-Voltage Increment Wiper Settling Time (VDD = 2.7V) (1 µs/Div). |