Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP4162-503E/ML Fiches technique(PDF) 66 Page - Microchip Technology

No de pièce MCP4162-503E/ML
Description  7/8-Bit Single/Dual SPI Digital POT with Non-Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4162-503E/ML Fiches technique(HTML) 66 Page - Microchip Technology

Back Button MCP4162-503E/ML Datasheet HTML 62Page - Microchip Technology MCP4162-503E/ML Datasheet HTML 63Page - Microchip Technology MCP4162-503E/ML Datasheet HTML 64Page - Microchip Technology MCP4162-503E/ML Datasheet HTML 65Page - Microchip Technology MCP4162-503E/ML Datasheet HTML 66Page - Microchip Technology MCP4162-503E/ML Datasheet HTML 67Page - Microchip Technology MCP4162-503E/ML Datasheet HTML 68Page - Microchip Technology MCP4162-503E/ML Datasheet HTML 69Page - Microchip Technology MCP4162-503E/ML Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 88 page
background image
MCP414X/416X/424X/426X
DS22059B-page 66
© 2008 Microchip Technology Inc.
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
XXXXXNNN
8-Lead PDIP
XXXXXXXX
YYWW
E/P
256
Example
4141-502
0816
3
e
8-Lead SOIC
XXXXXXXX
XXXXYYWW
NNN
Example
4141502E
SN^^^0816
256
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88