Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP4017 Fiches technique(PDF) 46 Page - Microchip Technology

No de pièce MCP4017
Description  7-Bit Single I2C??Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4017 Fiches technique(HTML) 46 Page - Microchip Technology

Back Button MCP4017 Datasheet HTML 42Page - Microchip Technology MCP4017 Datasheet HTML 43Page - Microchip Technology MCP4017 Datasheet HTML 44Page - Microchip Technology MCP4017 Datasheet HTML 45Page - Microchip Technology MCP4017 Datasheet HTML 46Page - Microchip Technology MCP4017 Datasheet HTML 47Page - Microchip Technology MCP4017 Datasheet HTML 48Page - Microchip Technology MCP4017 Datasheet HTML 49Page - Microchip Technology MCP4017 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
MCP4017/18/19
DS22147A-page 46
© 2009 Microchip Technology Inc.
6.4.2
MONOTONIC OPERATION
Monotonic
operation
means
that
the
device’s
resistance increases with every step change (from
terminal A to terminal B or terminal B to terminal A).
The wiper resistances difference at each tap location.
When changing from one tap position to the next (either
increasing or decreasing), the
ΔRW is less then the
ΔRS. When this change occurs, the device voltage and
temperature are “the same” for the two tap positions.
FIGURE 6-7:
RBW.
0x3F
0x3E
0x3D
0x03
0x02
0x01
0x00
Resistance (RBW)
RW
(@ tap)
RS0
RS1
RS3
RS62
RS63
RBW =
RSn + RW(@ Tap n)
n = 0
n = ?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66