Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP6L94T-E/ST Fiches technique(PDF) 16 Page - Microchip Technology

No de pièce MCP6L94T-E/ST
Description  10 MHz, 850 關A Op Amps
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L94T-E/ST Fiches technique(HTML) 16 Page - Microchip Technology

Back Button MCP6L94T-E/ST Datasheet HTML 12Page - Microchip Technology MCP6L94T-E/ST Datasheet HTML 13Page - Microchip Technology MCP6L94T-E/ST Datasheet HTML 14Page - Microchip Technology MCP6L94T-E/ST Datasheet HTML 15Page - Microchip Technology MCP6L94T-E/ST Datasheet HTML 16Page - Microchip Technology MCP6L94T-E/ST Datasheet HTML 17Page - Microchip Technology MCP6L94T-E/ST Datasheet HTML 18Page - Microchip Technology MCP6L94T-E/ST Datasheet HTML 19Page - Microchip Technology MCP6L94T-E/ST Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
MCP6L91/1R/2/4
DS22141A-page 16
© 2009 Microchip Technology Inc.
Package Marking Information ( Continued)
14-Lead TSSOP (MCP6L94)
Example:
14-Lead SOIC (150 mil) (MCP6L94)
Example:
XXXXXXXXXX
YYWWNNN
XXXXXX
YYWW
NNN
XXXXXXXXXX
MCP6L94
0908256
6L94EST
0908
256
E/SL^^
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30