| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP4151T-502E/ML Fiches technique(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4151T-502E/ML Fiches technique(HTML) 28 Page - Microchip Technology |
|
28 / 88 page ![]() MCP413X/415X/423X/425X DS22060B-page 28 © 2008 Microchip Technology Inc. Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-54: Resistor Network 0 to Resistor Network 1 RAB (5 kΩ) Mismatch vs. VDD and Temperature. FIGURE 2-55: Resistor Network 0 to Resistor Network 1 RAB (10 kΩ) Mismatch vs. VDD and Temperature. FIGURE 2-56: Resistor Network 0 to Resistor Network 1 RAB (50 kΩ) Mismatch vs. VDD and Temperature. FIGURE 2-57: Resistor Network 0 to Resistor Network 1 RAB (100 kΩ) Mismatch vs. VDD and Temperature. 0 0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09 0.1 -40 0 40 80 120 Temperature (°C) 5.5V 3.0V -0.04 -0.03 -0.02 -0.01 0 0.01 0.02 0.03 0.04 -40 0 40 80 120 Temperature (°C) 5.5V 3.0V 0 0.02 0.04 0.06 0.08 0.1 0.12 -40 0 40 80 120 Temperature (°C) 5.5V 3.0V -0.03 -0.02 -0.01 0 0.01 0.02 0.03 0.04 0.05 -40 10 60 110 Temperature (°C) 5.5V 3.0V |