Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP6071T-E/ST Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce MCP6071T-E/ST
Description  110 關A, High Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6071T-E/ST Fiches technique(HTML) 21 Page - Microchip Technology

Back Button MCP6071T-E/ST Datasheet HTML 17Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 18Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 19Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 20Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 21Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 22Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 23Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 24Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
© 2009 Microchip Technology Inc.
DS22142A-page 21
MCP6071/2/4
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
8-Lead SOIC (150 mil)
(MCP6071, MCP6072)
Example:
XXXXXXXX
XXXXYYWW
NNN
MCP6071E
SN^^0910
256
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
Example:
AHE
910
25
8-Lead 2x3 TDFN
(MCP6071, MCP6072)
XXX
YWW
NN
14-Lead TSSOP (
MCP6074)
Example:
14-Lead SOIC (150 mil) (
MCP6074)
Example:
XXXXXXXXXX
YYWWNNN
XXXXXX
YYWW
NNN
MCP6074E
0910
256
XXXXXXXXXX
MCP6074
0910256
E/SL^^
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34