| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP6566 Fiches technique(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6566 Fiches technique(HTML) 23 Page - Microchip Technology |
|
23 / 44 page ![]() © 2009 Microchip Technology Inc. DS22143B-page 23 MCP6566/6R/6U/7/9 5.0 DESIGN AIDS 5.1 Microchip Advanced Part Selector (MAPS) MAPS is a software tool that helps semiconductor professionals efficiently identify Microchip devices that fit a particular design requirement. Available at no cost from the Microchip web site at www.microchip.com/ maps, the MAPS is an overall selection tool for Microchip’s product portfolio that includes Analog, Memory, MCUs and DSCs. Using this tool you can define a filter to sort features for a parametric search of devices and export side-by-side technical comparison reports. Helpful links are also provided for Data sheets, Purchase, and Sampling of Microchip parts. 5.2 Analog Demonstration and Evaluation Boards Microchip offers a broad spectrum of Analog Demonstration and Evaluation Boards that are designed to help you achieve faster time to market. For a complete listing of these boards and their corresponding user’s guides and technical information, visit the Microchip web site at www.microchip.com/ analogtools. Three of our boards that are especially useful are: • 8-Pin SOIC/MSOP/TSSOP/DIP Evaluation Board, P/N SOIC8EV • 14-Pin SOIC/TSSOP/DIP Evaluation Board, P/N SOIC14EV • 5/6-Pin SOT23 Evaluation Board, P/N VSUPEV2 5.3 Application Notes The following Microchip Application Notes are available on the Microchip web site at www.microchip.com and are recommended as supplemental reference resources: • AN895, “Oscillator Circuit For RTD Temperature Sensors”, DS00895. |