Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24VL014T/ST Fiches technique(PDF) 6 Page - Microchip Technology

No de pièce 24VL014T/ST
Description  1K I2C??Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24VL014T/ST Fiches technique(HTML) 6 Page - Microchip Technology

Back Button 24VL014T/ST Datasheet HTML 2Page - Microchip Technology 24VL014T/ST Datasheet HTML 3Page - Microchip Technology 24VL014T/ST Datasheet HTML 4Page - Microchip Technology 24VL014T/ST Datasheet HTML 5Page - Microchip Technology 24VL014T/ST Datasheet HTML 6Page - Microchip Technology 24VL014T/ST Datasheet HTML 7Page - Microchip Technology 24VL014T/ST Datasheet HTML 8Page - Microchip Technology 24VL014T/ST Datasheet HTML 9Page - Microchip Technology 24VL014T/ST Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
24VL014
DS22129A-page 6
© 2009 Microchip Technology Inc.
3.0
FUNCTIONAL DESCRIPTION
The 24VL014 supports a bidirectional, 2-wire bus and
data transmission protocol. A device that sends data
onto the bus is defined as transmitter, and a device
receiving data as receiver. The bus has to be controlled
by a master device that generates the Serial Clock
(SCL), controls the bus access and generates the Start
and Stop conditions, while the 24VL014 works as
slave. Both master and slave can operate as
transmitter
or
receiver,
but
the
master
device
determines which mode is activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30