| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP23S09T-E/P Fiches technique(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23S09T-E/P Fiches technique(HTML) 33 Page - Microchip Technology |
|
33 / 50 page ![]() © 2009 Microchip Technology Inc. DS22121B-page 33 MCP23009/MCP23S09 TABLE 2-3: HARDWARE ADDRESS LATCH TIMING FIGURE 2-4: HARDWARE ADDRESS LATCH TIMING AC Characteristics Standard Operating Conditions (unless otherwise specified) 1.8V ≤ VDD ≤ 5.5V at -40°C ≤ TA ≤ +125°C. Parameter No. Sym Characteristic Min Typ(2) Max Units Conditions 40 tADEN Time from VDD stable after POR to ADC enable —0 — µs Note 1 41 tADDRLAT Time from ADC enable to address decode and latch —50 — ns Note 1 42 tADDIS Time from raising edge of serial clock to ADC disable —10 — ns Note 1 Note 1: This parameter is characterized, not 100% tested. 2: Data in the Typical (“Typ”) column is at 5V, +25 °C, unless otherwise stated.. VDD adc_en i2c_addr[2:0] SCL 40 41 42 |