Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP6561 Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce MCP6561
Description  1.8V Low Power Push-Pull Output Comparator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6561 Fiches technique(HTML) 21 Page - Microchip Technology

Back Button MCP6561 Datasheet HTML 17Page - Microchip Technology MCP6561 Datasheet HTML 18Page - Microchip Technology MCP6561 Datasheet HTML 19Page - Microchip Technology MCP6561 Datasheet HTML 20Page - Microchip Technology MCP6561 Datasheet HTML 21Page - Microchip Technology MCP6561 Datasheet HTML 22Page - Microchip Technology MCP6561 Datasheet HTML 23Page - Microchip Technology MCP6561 Datasheet HTML 24Page - Microchip Technology MCP6561 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
© 2009 Microchip Technology Inc.
DS22139B-page 21
MCP6561/1R/1U/2/4
5.0
DESIGN AIDS
5.1
Microchip Advanced Part Selector
(MAPS)
MAPS is a software tool that helps semiconductor
professionals efficiently identify Microchip devices that
fit a particular design requirement. Available at no cost
from the Microchip web site at www.microchip.com/
maps, the MAPS is an overall selection tool for
Microchip’s product portfolio that includes Analog,
Memory, MCUs and DSCs. Using this tool you can
define a filter to sort features for a parametric search of
devices and export side-by-side technical comparison
reports. Helpful links are also provided for Data sheets,
Purchase, and Sampling of Microchip parts.
5.2
Analog Demonstration and
Evaluation Boards
Microchip
offers
a
broad
spectrum
of
Analog
Demonstration
and
Evaluation
Boards
that
are
designed to help you achieve faster time to market. For
a
complete
listing
of
these
boards
and
their
corresponding user’s guides and technical information,
visit the Microchip web site at www.microchip.com/
analogtools. Three of our boards that are especially
useful are:
• 8-Pin SOIC/MSOP/TSSOP/DIP Evaluation Board,
P/N SOIC8EV
• 14-Pin SOIC/TSSOP/DIP Evaluation Board,
P/N SOIC14EV
• 5/6-Pin SOT23 Evaluation Board, P/N VSUPEV2
5.3
Application Notes
The
following
Microchip
Application
Notes
are
available
on
the
Microchip
web
site
at
www.microchip.com
and
are
recommended
as
supplemental reference resources:
• AN895, “Oscillator Circuit For RTD Temperature
Sensors”, DS00895



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42