| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP4151-502E/MF Fiches technique(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4151-502E/MF Fiches technique(HTML) 20 Page - Microchip Technology |
|
20 / 88 page ![]() MCP413X/415X/423X/425X DS22060B-page 20 © 2008 Microchip Technology Inc. Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-24: 10 k Ω – Nominal Resistance ( Ω) vs. Ambient Temperature and V DD. FIGURE 2-25: 10 k Ω – R WB (Ω) vs. Wiper Setting and Ambient Temperature. 9850 9900 9950 10000 10050 10100 10150 10200 10250 10300 -40 0 40 80 120 Ambient Temperature (°C) 2.7V 5.5V 1.8V 0 2000 4000 6000 8000 10000 12000 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -40°C 25°C 85°C 125°C |