Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP4541-104E/ML Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce MCP4541-104E/ML
Description  7/8-Bit Single/Dual I2C Digital POT with Non-Volatile Memory
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4541-104E/ML Fiches technique(HTML) 21 Page - Microchip Technology

Back Button MCP4541-104E/ML Datasheet HTML 17Page - Microchip Technology MCP4541-104E/ML Datasheet HTML 18Page - Microchip Technology MCP4541-104E/ML Datasheet HTML 19Page - Microchip Technology MCP4541-104E/ML Datasheet HTML 20Page - Microchip Technology MCP4541-104E/ML Datasheet HTML 21Page - Microchip Technology MCP4541-104E/ML Datasheet HTML 22Page - Microchip Technology MCP4541-104E/ML Datasheet HTML 23Page - Microchip Technology MCP4541-104E/ML Datasheet HTML 24Page - Microchip Technology MCP4541-104E/ML Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
© 2008 Microchip Technology Inc.
DS22107A-page 21
MCP454X/456X/464X/466X
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V.
FIGURE 2-10:
5k
Ω – Nominal Resistance
(
Ω) vs. Ambient Temperature and V
DD.
FIGURE 2-11:
5k
Ω – R
WB (Ω) vs. Wiper
Setting and Ambient Temperature.
5050
5100
5150
5200
5250
5300
-40
0
40
80
120
Ambient Temperature (°C)
2.7V
5.5V
0
1000
2000
3000
4000
5000
6000
0
32
64
96
128
160
192
224
256
Wiper Setting (decimal)
-40°C
25°C
85°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92