| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP4142T-502E/ST Fiches technique(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4142T-502E/ST Fiches technique(HTML) 16 Page - Microchip Technology |
|
16 / 88 page ![]() MCP414X/416X/424X/426X DS22059B-page 16 © 2008 Microchip Technology Inc. Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-6: 5k Ω Pot Mode – R W (Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 5.5V). FIGURE 2-7: 5k Ω Pot Mode – R W (Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 3.0V). FIGURE 2-8: 5k Ω – Nominal Resistance ( Ω) vs. Ambient Temperature and V DD. FIGURE 2-9: 5k Ω Rheo Mode – R W (Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 5.5V). FIGURE 2-10: 5k Ω Rheo Mode – R W (Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 3.0V). FIGURE 2-11: 5k Ω – R WB (Ω) vs. Wiper Setting and Ambient Temperature. 20 40 60 80 100 120 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -0.3 -0.2 -0.1 0 0.1 0.2 0.3 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW -40°C 25°C 85°C 125°C 20 60 100 140 180 220 260 300 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -0.3 -0.2 -0.1 0 0.1 0.2 0.3 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL -40°C 25°C 85°C RW 125°C 5050 5100 5150 5200 5250 5300 -40 0 40 80 120 Ambient Temperature (°C) 2.7V 5.5V 20 40 60 80 100 120 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -1.25 -0.75 -0.25 0.25 0.75 1.25 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW -40°C 25°C 85°C 125°C 20 60 100 140 180 220 260 300 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -2 0 2 4 6 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW -40°C 25°C 85°C 125°C 0 1000 2000 3000 4000 5000 6000 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -40°C 25°C 85°C 125°C |