Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24VL024HT/P Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce 24VL024HT/P
Description  2K I2C??Serial EEPROM with Half-Array Write-Protect
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24VL024HT/P Fiches technique(HTML) 17 Page - Microchip Technology

Back Button 24VL024HT/P Datasheet HTML 13Page - Microchip Technology 24VL024HT/P Datasheet HTML 14Page - Microchip Technology 24VL024HT/P Datasheet HTML 15Page - Microchip Technology 24VL024HT/P Datasheet HTML 16Page - Microchip Technology 24VL024HT/P Datasheet HTML 17Page - Microchip Technology 24VL024HT/P Datasheet HTML 18Page - Microchip Technology 24VL024HT/P Datasheet HTML 19Page - Microchip Technology 24VL024HT/P Datasheet HTML 20Page - Microchip Technology 24VL024HT/P Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
© 2008 Microchip Technology Inc.
DS22109A-page 17
24VL024H
/HDG 3ODVWLF6PDOO 2XWOLQH 61 ± 1DUURZ
PP%RG\ >62,&@
1RWH
)RUWKH PRVWFXUUHQWSDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHGDW
KWWS ZZZ PLFURFKLSFRP SDFNDJLQJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28