| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP4141-104E/ST Fiches technique(PDF) 36 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4141-104E/ST Fiches technique(HTML) 36 Page - Microchip Technology |
|
36 / 88 page ![]() MCP414X/416X/424X/426X DS22059B-page 36 © 2008 Microchip Technology Inc. 5.2 Wiper Each tap point (between the RS resistors) is a connection point for an analog switch. The opposite side of the analog switch is connected to a common signal which is connected to the Terminal W (Wiper) pin. A value in the volatile wiper register selects which analog switch to close, connecting the W terminal to the selected node of the resistor ladder. The wiper can connect directly to Terminal B or to Terminal A. A zero-scale connections, connects the Terminal W (wiper) to Terminal B (wiper setting of 000h). A full-scale connections, connects the Terminal W (wiper) to Terminal A (wiper setting of 100h or 80h). In these configurations the only resistance between the Terminal W and the other Terminal (A or B) is that of the analog switches. A wiper setting value greater than full scale (wiper setting of 100h for 8-bit device or 80h for 7-bit devices) will also be a Full Scale setting (Terminal W (wiper) connected to Terminal A). Table 5-1 illustrates the full wiper setting map. Equation 5-2 illustrates the calculation used to deter- mine the resistance between the wiper and terminal B. EQUATION 5-2: RWB CALCULATION TABLE 5-1: VOLATILE WIPER VALUE VS. WIPER POSITION MAP 5.3 WiperLock™ Technology The MCP4XXX device’s WiperLock technology allows application-specific calibration settings to be secured in the EEPROM without requiring the use of an additional write-protect pin. There are two WiperLock Technology configuration bits (WL0 and WL1). These bits prevent the Non-Volatile and Volatile addresses and bits for the specified resistor network from being written. The WiperLock technology prevents the serial commands from doing the following: • Changing a volatile wiper value • Writing to a non-volatile wiper memory location • Changing the volatile TCON register value For either Resistor Network 0 or Resistor Network 1 (Potx), the WLx bit controls the following: • Non-Volatile Wiper Register • Volatile Wiper Register • Volatile TCON register bits RxHW, RxA, RxW, and RxB High Voltage commands are required to enable and disable WiperLock. Please refer to the Modify Write Protect or WiperLock Technology (High Voltage) command for operation. 5.3.1 POR/BOR OPERATION WHEN WIPERLOCK TECHNOLOGY ENABLED The WiperLock Technology state is not affected by a POR/BOR event. A POR/BOR event will load the Volatile Wiper register value with the Non-Volatile Wiper register value, refer to Section 4.1. Wiper Setting Properties 7-bit Pot 8-bit Pot 3FFh 081h 3FFh 101h Reserved (Full Scale (W = A)), Increment and Decrement commands ignored 080h 100h Full Scale (W = A), Increment commands ignored 07Fh 041h 0FFh 081 W = N 040h 080h W = N (Mid-Scale) 03Fh 001h 07Fh 001 W = N 000h 000h Zero Scale (W = B) Decrement command ignored R WB R ABN 256 () --------------R W + = N = 0 to 256 (decimal) R WB R ABN 128 () --------------R W + = N = 0 to 128 (decimal) 8-bit Device 7-bit Device |