| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP4141-104E/P Fiches technique(PDF) 66 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4141-104E/P Fiches technique(HTML) 66 Page - Microchip Technology |
|
66 / 88 page ![]() MCP414X/416X/424X/426X DS22059B-page 66 © 2008 Microchip Technology Inc. Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note : In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e XXXXXNNN 8-Lead PDIP XXXXXXXX YYWW E/P 256 Example 4141-502 0816 3 e 8-Lead SOIC XXXXXXXX XXXXYYWW NNN Example 4141502E SN^^^0816 256 3 e |