| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP1802 Fiches technique(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP1802 Fiches technique(HTML) 2 Page - Microchip Technology |
|
2 / 26 page ![]() MCP1802 DS22053B-page 2 © 2009 Microchip Technology Inc. Functional Block Diagram Typical Application Circuit + - MCP1802 VIN VOUT GND +VIN Error Amplifier Voltage Reference Current Limiter Shutdown Control SHDN +VIN MCP1802 VIN CIN 1µF COUT 1µF Ceramic VIN 9V Battery + VOUT NC GND SHDN Ceramic VOUT 3.3V @ 40 mA 1 2 3 5 4 SOT-23-5 mA |