Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP6244-E/MS Fiches technique(PDF) 18 Page - Microchip Technology

No de pièce MCP6244-E/MS
Description  50 關A, 550 kHz Rail-to-Rail Op Amp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6244-E/MS Fiches technique(HTML) 18 Page - Microchip Technology

Back Button MCP6244-E/MS Datasheet HTML 14Page - Microchip Technology MCP6244-E/MS Datasheet HTML 15Page - Microchip Technology MCP6244-E/MS Datasheet HTML 16Page - Microchip Technology MCP6244-E/MS Datasheet HTML 17Page - Microchip Technology MCP6244-E/MS Datasheet HTML 18Page - Microchip Technology MCP6244-E/MS Datasheet HTML 19Page - Microchip Technology MCP6244-E/MS Datasheet HTML 20Page - Microchip Technology MCP6244-E/MS Datasheet HTML 21Page - Microchip Technology MCP6244-E/MS Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
MCP6241/1R/1U/2/4
DS21882D-page 18
© 2008 Microchip Technology Inc.
Package Marking Information (Continued)
14-Lead PDIP (300 mil) (
MCP6244)Example:
14-Lead TSSOP (
MCP6244)
Example
:
14-Lead SOIC (150 mil) (
MCP6244)
Example:
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
XXXXXXXXXX
YYWWNNN
XXXXXXXX
YYWW
NNN
MCP6244
0546256
6244E
0546
256
XXXXXXXXXX
MCP6244
0546256
E/P^^
E/SL^^3
e
3
e
8-Lead SOIC (150 mil)
XXXXXXXX
XXXXYYWW
NNN
MCP6242E
SN^^ 0834
256
3
e
Example:
MCP6242
E/SN0818
256
OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38