Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP9700-H/TO Fiches technique(PDF) 19 Page - Microchip Technology

No de pièce MCP9700-H/TO
Description  Low-Power Linear Active Thermistor??ICs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9700-H/TO Fiches technique(HTML) 19 Page - Microchip Technology

Back Button MCP9700-H/TO Datasheet HTML 15Page - Microchip Technology MCP9700-H/TO Datasheet HTML 16Page - Microchip Technology MCP9700-H/TO Datasheet HTML 17Page - Microchip Technology MCP9700-H/TO Datasheet HTML 18Page - Microchip Technology MCP9700-H/TO Datasheet HTML 19Page - Microchip Technology MCP9700-H/TO Datasheet HTML 20Page - Microchip Technology MCP9700-H/TO Datasheet HTML 21Page - Microchip Technology MCP9700-H/TO Datasheet HTML 22Page - Microchip Technology MCP9700-H/TO Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
© 2009 Microchip Technology Inc.
DS21942E-page 19
MCP9700/9700A and MCP9701/9701A
APPENDIX A: REVISION HISTORY
Revision E (April 2009)
The following is the list of modifications:
1.
Added High Temperature option throughout
document.
2.
Updated plots to reflect the high temperature
performance.
3.
Updated Package Outline drawings.
4.
Updated Revision history.
Revision D (October 2007)
The following is the list of modifications:
1.
Added the 3-lead SOT-23 devices to data sheet.
2.
Replaced Figure 2-15.
3.
Updated Package Outline Drawings.
Revision C (June 2006)
The following is the list of modifications:
1.
Added the MCP9700A and MCP9701A devices
to data sheet.
2.
Added TO92 package for the MCP9700/
MCP9701.
Revision B (October 2005)
The following is the list of modifications:
1.
Added Section 3.0 “Pin Descriptions”.
2.
Added the Linear Active Thermistor™ IC
trademark.
3.
Removed the 2nd order temperature equation
and the temperature coeficient histogram.
4.
Added a reference to AN1001 and correspond-
ing verbiage.
5.
Added Figure 4-2 and corresponding verbiage.
Revision A (November 2005)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24