| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP4725 Fiches technique(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4725 Fiches technique(HTML) 41 Page - Microchip Technology |
|
41 / 50 page ![]() © 2009 Microchip Technology Inc. DS22039D-page 41 MCP4725 9.0 DEVELOPMENT SUPPORT 9.1 Evaluation & Demonstration Boards The MCP4725 SOT-23-6 Evaluation Board is available from Microchip Technology Inc. This board works with Microchip’s PICkit™ Serial Analyzer. The user can program the DAC input codes and EEPROM data, or read the programmed data using the easy to use PICkit Serial Analyzer with the Graphic User Interface software. Refer to www.microchip.com for further information on this product’s capabilities and availability. FIGURE 9-1: MCP4725 SOT-23-6 Evaluation Board. FIGURE 9-2: Setup for the MCP4725 SOT-23-6 Evaluation Board with PICkit™ Serial Analyzer. FIGURE 9-3: Example of PICkit™ Serial User Interface. USB Cable to PC PICkit Serial MCP4725 SOT-23-6 EV Board DAC Analog Output 1st Write Byte 2nd Write Byte 3rd Write Byte 4th Write Byte |