Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP3909 Fiches technique(PDF) 37 Page - Microchip Technology

No de pièce MCP3909
Description  Energy Metering IC with SPI Interface and Active Power Pulse Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3909 Fiches technique(HTML) 37 Page - Microchip Technology

Back Button MCP3909 Datasheet HTML 33Page - Microchip Technology MCP3909 Datasheet HTML 34Page - Microchip Technology MCP3909 Datasheet HTML 35Page - Microchip Technology MCP3909 Datasheet HTML 36Page - Microchip Technology MCP3909 Datasheet HTML 37Page - Microchip Technology MCP3909 Datasheet HTML 38Page - Microchip Technology MCP3909 Datasheet HTML 39Page - Microchip Technology MCP3909 Datasheet HTML 40Page - Microchip Technology MCP3909 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
© 2009 Microchip Technology Inc.
DS22025B-page 37
MCP3909
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
XXXXXXXXXXXX
YYWWNNN
24-Lead SSOP
Examples:
XXXXXXXXXXXX
MCP3909
0951256
I/SS^^3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44