| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP73833 Fiches technique(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP73833 Fiches technique(HTML) 13 Page - Microchip Technology |
|
13 / 32 page ![]() © 2009 Microchip Technology Inc. DS22005B-page 13 MCP73833/4 4.0 FUNCTIONAL DESCRIPTION The MCP73833/4 is a highly advanced linear charge management controller. Refer to the functional block diagram and Figure 4-1 that depicts the operational flow algorithm from charge initiation to completion and automatic recharge. FIGURE 4-1: Flow Chart. VBAT < VPTH * Continuously Monitored Timer Expired SHUTDOWN MODE * VDD < VUVLO VDD < VBAT STAT1 = HI-Z STAT2 = HI-Z PG = HI-Z STANDBY MODE * VBAT (VREG + 100 mv) PROG > 200 k Ω STAT1 = HI-Z STAT2 = HI-Z PG = LOW SYSTEM TEST (LDO) MODE VTHERM > (VDD - 100 mv) PROG > 20 k Ω STAT1 = LOW STAT2 = LOW PG = LOW Timer Suspended TEMPERATURE FAULT No Charge Current STAT1 = Hi-Z STAT2 = Hi-Z PG = LOW Timer Suspended TIMER FAULT No Charge Current STAT1 = Hi-Z STAT2 = Hi-Z PG = LOW Timer Suspended PRECONDITIONING MODE Charge Current (IPREG STAT1 = LOW STAT2 = Hi-Z PG = LOW Timer Reset FAST CHARGE MODE Charge Current (IREG STAT1 = LOW STAT2 = Hi-Z PG = LOW Timer Enabled CONSTANT VOLTAGE MODE Charge Voltage (VREG STAT1 = LOW STAT2 = Hi-Z PG = LOW CHARGE COMPLETE MODE No Charge Current STAT1 = HI-Z STAT2 = LOW PG = LOW Timer Reset VBAT > VPTH VBAT = VREG VBAT < ITERM Timer Expired VBAT > VPTH VBAT < VRTH |