| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP3421 Fiches technique(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3421 Fiches technique(HTML) 33 Page - Microchip Technology |
|
33 / 42 page ![]() © 2009 Microchip Technology Inc. DS22003E-page 33 MCP3421 7.0 DEVELOPMENT TOOL SUPPORT 7.1 MCP3421 Evaluation Boards The MCP3421 Evaluation Board is available from Microchip Technology Inc. This board works with Micro- chip’s PICkit™ Serial Analyzer. The user can simply connect any sensing voltage to the input test pads of the board and read conversion codes using the easy- to-use PICkit™ Serial Analyzer. Refer to www.micro- chip.com for further information on this product’s capabilities and availability. FIGURE 7-1: MCP3421 Evaluation Board. FIGURE 7-2: Setup for the MCP3421 Evaluation Board with PICkit™ Serial Analyzer. Sensor Input Connection |