Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

25LC640A-E/MF Fiches technique(PDF) 24 Page - Microchip Technology

No de pièce 25LC640A-E/MF
Description  64K SPI Bus Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC640A-E/MF Fiches technique(HTML) 24 Page - Microchip Technology

Back Button 25LC640A-E/MF Datasheet HTML 20Page - Microchip Technology 25LC640A-E/MF Datasheet HTML 21Page - Microchip Technology 25LC640A-E/MF Datasheet HTML 22Page - Microchip Technology 25LC640A-E/MF Datasheet HTML 23Page - Microchip Technology 25LC640A-E/MF Datasheet HTML 24Page - Microchip Technology 25LC640A-E/MF Datasheet HTML 25Page - Microchip Technology 25LC640A-E/MF Datasheet HTML 26Page - Microchip Technology 25LC640A-E/MF Datasheet HTML 27Page - Microchip Technology 25LC640A-E/MF Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
25AA640A/25LC640A
DS21830D-page 24
© 2008 Microchip Technology Inc.
APPENDIX A:
REVISION HISTORY
Revision B
Corrections to Section 1.0, Electrical Characteristics.
Revision C
Features and Description, removed reference to Pb-
free packages; Revise Table 1-2: AC Characteristics,
parameters 7 and 8; Updated Packing Information/
Package Drawings; Add DFN Package; Removed
trademark from SPI.
Revision D (10/08)
Added TDFN Package; Updated Package Drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30