Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP6L71RT-E/SL Fiches technique(PDF) 18 Page - Microchip Technology

No de pièce MCP6L71RT-E/SL
Description  2 MHz, 150 關A Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L71RT-E/SL Fiches technique(HTML) 18 Page - Microchip Technology

Back Button MCP6L71RT-E/SL Datasheet HTML 14Page - Microchip Technology MCP6L71RT-E/SL Datasheet HTML 15Page - Microchip Technology MCP6L71RT-E/SL Datasheet HTML 16Page - Microchip Technology MCP6L71RT-E/SL Datasheet HTML 17Page - Microchip Technology MCP6L71RT-E/SL Datasheet HTML 18Page - Microchip Technology MCP6L71RT-E/SL Datasheet HTML 19Page - Microchip Technology MCP6L71RT-E/SL Datasheet HTML 20Page - Microchip Technology MCP6L71RT-E/SL Datasheet HTML 21Page - Microchip Technology MCP6L71RT-E/SL Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
MCP6L71/1R/2/4
DS22145A-page 18
© 2009 Microchip Technology Inc.
Package Marking Information (Continued)
14-Lead TSSOP (MCP6L74)
Example:
14-Lead SOIC (150 mil) (MCP6L74)
Example:
XXXXXXXXXX
YYWWNNN
XXXXXXXX
YYWW
NNN
6L74EST
0911
256
XXXXXXXXXX
MCP6L74
0911256
E/SL^^
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32