Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24LC014-I/MS Fiches technique(PDF) 24 Page - Microchip Technology

No de pièce 24LC014-I/MS
Description  1K I2C??Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC014-I/MS Fiches technique(HTML) 24 Page - Microchip Technology

Back Button 24LC014-I/MS Datasheet HTML 20Page - Microchip Technology 24LC014-I/MS Datasheet HTML 21Page - Microchip Technology 24LC014-I/MS Datasheet HTML 22Page - Microchip Technology 24LC014-I/MS Datasheet HTML 23Page - Microchip Technology 24LC014-I/MS Datasheet HTML 24Page - Microchip Technology 24LC014-I/MS Datasheet HTML 25Page - Microchip Technology 24LC014-I/MS Datasheet HTML 26Page - Microchip Technology 24LC014-I/MS Datasheet HTML 27Page - Microchip Technology 24LC014-I/MS Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
24AA014/24LC014
DS21809F-page 24
© 2009 Microchip Technology Inc.
APPENDIX A:
REVISION HISTORY
Revision B
Corrections to Section 1.0, Electrical Characteristics.
Revision C
Added DFN package.
Revision D (10/2007)
Add Pb-free to Features; Revise Section 8.3; Replace
Package Drawings; Update Product ID System.
Revision E (04/2008)
Replaced Package Drawings; Added TDFN package;
Revised Product ID section.
Revision F (10/2009)
Added
6-Lead
SOT-23
Package;
Removed
Pin
Function Table; Revised Section 2.0; Revised Section
6.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30