Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP3302T-CI/ST Fiches technique(PDF) 29 Page - Microchip Technology

No de pièce MCP3302T-CI/ST
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3302T-CI/ST Fiches technique(HTML) 29 Page - Microchip Technology

Back Button MCP3302T-CI/ST Datasheet HTML 25Page - Microchip Technology MCP3302T-CI/ST Datasheet HTML 26Page - Microchip Technology MCP3302T-CI/ST Datasheet HTML 27Page - Microchip Technology MCP3302T-CI/ST Datasheet HTML 28Page - Microchip Technology MCP3302T-CI/ST Datasheet HTML 29Page - Microchip Technology MCP3302T-CI/ST Datasheet HTML 30Page - Microchip Technology MCP3302T-CI/ST Datasheet HTML 31Page - Microchip Technology MCP3302T-CI/ST Datasheet HTML 32Page - Microchip Technology MCP3302T-CI/ST Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
© 2008 Microchip Technology Inc.
DS21697E-page 29
MCP3302/04
FIGURE 6-5:
SPI Communication with the MCP3302/04 using 8-bit segments
(Mode 1,1: SCLK idles high).
12
3
4
56
7
8
9
10
11
12
13
14
15
16
CS
SCLK
DIN
17
18
19
20
21
22
23
24
DOUT
Don’t Care
NULL
BIT
B11 B10 B9
B8
B6 B5
B4
B3 B2
B1 B0
HI-Z
0
000
1
X
XXX
X
DO
SGL/
DIFF
XX
XX
X
XX
X
B7
B6
B5
B4
B3
B2
B1
B0
B11 B10 B9
B8
0
?
?
?
?
??
?
?
?
?
MCU latches data from A/D Converter
on rising edges of SCLK
Data is clocked out of
A/D Converter on falling edges
D1
D2
SGL/
DIFF
Start
Bit
(Null)
D0
D1
Start
MCU Transmitted Data
(Aligned with falling
edge of clock)
MCU Received Data
(Aligned with rising
edge of clock)
B7
X
Data stored into MCU receive
register after transmission of first
8 bits
Data stored into MCU receive
register after transmission of
second 8 bits
Data stored into MCU receive
register after transmission of last
8 bits
SB
X
SB
D2
Don’t Care
X = Don’t Care Bits
? = Unknown Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46