| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP6021-I/P Fiches technique(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6021-I/P Fiches technique(HTML) 7 Page - Microchip Technology |
|
7 / 42 page ![]() © 2009 Microchip Technology Inc. DS21685D-page 7 MCP6021/1R/2/3/4 2.0 TYPICAL PERFORMANCE CURVES Note: Unless otherwise indicated, TA =+25°C, VDD = +2.5V to +5.5V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2, RL =10kΩ to VDD/2 and CL = 60 pF. FIGURE 2-1: Input Offset Voltage, (Industrial Temperature Parts). FIGURE 2-2: Input Offset Voltage, (Extended Temperature Parts). FIGURE 2-3: Input Offset Voltage vs. Common Mode Input Voltage with VDD = 2.5V. FIGURE 2-4: Input Offset Voltage Drift, (Industrial Temperature Parts). FIGURE 2-5: Input Offset Voltage Drift, (Extended Temperature Parts). FIGURE 2-6: Input Offset Voltage vs. Common Mode Input Voltage with VDD = 5.5V. Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. 0% 2% 4% 6% 8% 10% 12% 14% 16% Input Offset Voltage (µV) 1192 Samples VCM = 0V TA = +25°C I-Temp Parts 0% 2% 4% 6% 8% 10% 12% 14% 16% 18% 20% 22% 24% Input Offset Voltage (µV) 438 Samples VDD = 5.0V VCM = 0V TA = +25°C E-Temp Parts -500 -400 -300 -200 -100 0 100 200 300 400 500 -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 Common Mode Input Voltage (V) VDD = 2.5V -40°C +25°C +85°C +125°C 0% 2% 4% 6% 8% 10% 12% 14% 16% 18% 20% 22% 24% Input Offset Voltage Drift (µV/°C) 1192 Samples VCM = 0V TA = -40°C to +85°C I-Temp Parts 0% 2% 4% 6% 8% 10% 12% 14% 16% 18% 20% 22% 24% Input Offset Voltage Drift (µV/°C) 438 Samples VCM = 0V TA = -40°C to +125°C E-Temp Parts -500 -400 -300 -200 -100 0 100 200 300 400 500 Common Mode Input Voltage (V) VDD = 5.5V -40°C +25°C +85°C +125°C |