| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP3302-CI/ST Fiches technique(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3302-CI/ST Fiches technique(HTML) 4 Page - Microchip Technology |
|
4 / 46 page ![]() MCP3302/04 DS21697E-page 4 © 2008 Microchip Technology Inc. Analog Inputs Full Scale Input Span CH0 - CH7 -VREF —VREF V Absolute Input Voltage CH0 - CH7 -0.3 — VDD + 0.3 V Leakage Current — 0.001 ±1 µA Switch Resistance RS —1 — k Ω See Figure 5-3 Sample Capacitor CSAMPLE —25 — pF See Figure 5-3 Digital Input/Output Data Coding Format Binary Two’s Complement High Level Input Voltage VIH 0.7 VDD —— V Low Level Input Voltage VIL — — 0.3 VDD V High Level Output Voltage VOH 4.1 — — V IOH = -1 mA, VDD = 4.5V Low Level Output Voltage VOL —— 0.4 V IOL = 1 mA, VDD = 4.5V Input Leakage Current ILI -10 — 10 µA VIN = VSS or VDD Output Leakage Current ILO -10 — 10 µA VOUT = VSS or VDD Pin Capacitance CIN, COUT — — 10 pF TA = +25°C, F = 1 MHz, Note 1 Timing Specifications: Clock Frequency (Note 8) FCLK 0.105 — 2.1 MHz VDD = 5V, FSAMPLE = 100 ksps 0.105 — 1.05 MHz VDD = 2.7V, FSAMPLE = 50 ksps Clock High Time THI 210 — — ns Note 5 Clock Low Time TLO 210 — — ns Note 5 CS Fall To First Rising CLK Edge TSUCS 100 — — ns Data In Setup time TSU 50 — — ns Data In Hold Time THD 50 — — ns CLK Fall To Output Data Valid TDO — — 125 ns VDD = 5V, see Figure 1-2 — — 200 ns VDD = 2.7V, see Figure 1-2 CLK Fall To Output Enable TEN — — 125 ns VDD = 5V, see Figure 1-2 — — 200 ns VDD = 2.7V, see Figure 1-2 CS Rise To Output Disable TDIS — — 100 ns See test circuits, Figure 1-2 Note 1 CS Disable Time TCSH 475 — — ns DOUT Rise Time TR — — 100 ns See test circuits, Figure 1-2 Note 1 DOUT Fall Time TF — — 100 ns See test circuits, Figure 1-2 Note 1 Power Requirements: Operating Voltage VDD 2.7 — 5.5 V Operating Current IDD — 300 450 µA VDD, VREF = 5V, DOUT unloaded — 200 — µA VDD, VREF = 2.7V, DOUT unloaded Standby Current IDDS —0.05 1 µA CS = VDD = 5.0V ELECTRICAL SPECIFICATIONS (CONTINUED) Electrical Characteristics: Unless otherwise noted, all parameters apply at VDD = 5V, VSS = 0V, and VREF = 5V. Full differential input configuration (Figure 1-5) with fixed common mode voltage of 2.5V. All parameters apply over temperature with TA = -40°C to +85°C (Note 7). Conversion speed (FSAMPLE) is 100 ksps with FCLK = 21*FSAMPLE Parameter Symbol Min Typ Max Units Conditions Note 1: This specification is established by characterization and not 100% tested. 2: See characterization graphs that relate converter performance to VREF level. 3: VIN = 0.1V to 4.9V @ 1 kHz. 4: VDD =5VP-P ±500 mV @ 1 kHz, see test circuit Figure 1-4. 5: Maximum clock frequency specification must be met. 6: VREF = 400 mV, VIN = 0.1V to 4.9V @ 1 kHz 7: TSSOP devices are only specified at 25°C and +85°C. 8: For slow sample rates, see Section 5.2 “Driving the Analog Input” for limitations on clock frequency. |