Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP6141T-I/MS Fiches technique(PDF) 23 Page - Microchip Technology

No de pièce MCP6141T-I/MS
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6141T-I/MS Fiches technique(HTML) 23 Page - Microchip Technology

Back Button MCP6141T-I/MS Datasheet HTML 19Page - Microchip Technology MCP6141T-I/MS Datasheet HTML 20Page - Microchip Technology MCP6141T-I/MS Datasheet HTML 21Page - Microchip Technology MCP6141T-I/MS Datasheet HTML 22Page - Microchip Technology MCP6141T-I/MS Datasheet HTML 23Page - Microchip Technology MCP6141T-I/MS Datasheet HTML 24Page - Microchip Technology MCP6141T-I/MS Datasheet HTML 25Page - Microchip Technology MCP6141T-I/MS Datasheet HTML 26Page - Microchip Technology MCP6141T-I/MS Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
© 2009 Microchip Technology Inc.
DS21668D-page 23
MCP6141/2/3/4
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
8-Lead MSOP
Example
:
XXXXXX
YWWNNN
6143I
918256
5-Lead SOT-23 (MCP6141)
Example:
XXNN
AS25
Device
E-Temp Code
MCP6141
ASNN
Note: Applies to 5-Lead SOT-23
6-Lead SOT-23 (MCP6143)
Example:
XXNN
AW25
Device
E-Temp Code
MCP6143
AWNN
Note: Applies to 6-Lead SOT-23
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example
:
8-Lead SOIC (150 mil)
Example
:
XXXXXXXX
XXXXYYWW
NNN
MCP6141
I/P256
0918
MCP6142
I/SN0918
256
MCP6141
E/P
256
0918
MCP6142E
SN
0918
256
3
e
OR
OR
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38